PART |
Description |
Maker |
P87LPC779 P87LPC779FDH |
CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP IC,MICROCONTROLLER,8-BIT,8051 CPU,CMOS,TSSOP,20PIN,PLASTIC
|
PHILIPS[Philips Semiconductors]
|
PCD3359AH |
8-bit microcontroller with DTMF generator and 128 bytes EEPROM
|
NXP Semiconductors
|
W541C261 |
4BIT MICROCONTROLLER, 2K 6 ROM, 128 RAM 128 -DOT LCD
|
Winbond Electronics Corp
|
LPC2104BBD48 LPC2105BBD48 LPC2106BBD48 LPC2106FHN4 |
Single-chip 32-bit microcontrollers; 128 kB ISP/IAP Flash with 64 kB/32 kB/16 kB RAM 32-BIT, FLASH, 60 MHz, RISC MICROCONTROLLER, PQFP48
|
Philips NXP Semiconductors N.V.
|
LPC12D27FBD100 |
32-bit ARM Cortex-M0 microcontroller; 128 kB flash and 8 kB SRAM; 4 x 40 segment LCD driver 32位ARM Cortex-M0的微控制器,128KB闪存 KB静态随机存储器;4×40段LCD驱动 32-bit ARM Cortex-M0 microcontroller??28kB flash, 8kB SRAM, LCD, LQFP100 package
|
NXP Semiconductors N.V.
|
AMD29F010B AM29F010B AMD29F010B-120EC AMD29F010B-1 |
From old datasheet system 1 Mbit (128 K x 8-Bit) 1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
|
AMD[Advanced Micro Devices] AMD Inc
|
MB89193P-SH MB89191AP-SH MB89191APF MB89191AHP MB8 |
8-bit Proprietary Microcontroller 8-BIT, OTPROM, 4.2 MHz, MICROCONTROLLER, PDIP28 8-bit Proprietary Microcontroller 8-BIT, 4.2 MHz, MICROCONTROLLER, PQFP48 Patch Panel JT 79C 79#22D SKT RECP 2.0A, 2.7 to 5.5V Single High-Side MOSFET Switch IC, No Fault Reporting, Active-Low Enable 8-SOIC
|
Fujitsu, Ltd. Fujitsu Limited Fujitsu Component Limited. Fujitsu Component Limit...
|
ATTINY84V-10MUR TSS463B-TERZ-9 AT89C2051-12PK ATTI |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDSO16 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDIP20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, QCC20 8-BIT, 16 MHz, MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 4-BIT, MROM, 4 MHz, MICROCONTROLLER, PDSO20 32-BIT, FLASH, 66 MHz, RISC MICROCONTROLLER, PQFP144
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
P80C31 80C51 P80C51 P80C31UBAA P80C51UBAA P80C31UF |
WIRE STRIPPER, AUTOMATICWIRE STRIPPER, AUTOMATIC; Stripping Capacity:4mm2; Weight:120g MIXER, PLASTER 600GMIXER, PLASTER 600G; Length:620mm; Material:Nickel plated steel ECONOLINE: RY-S_DCP - Internal SMD Technology- 1kVDC Isolation- Short Circuit Protection: Current Limit- UL94V-0 Package Material- Regulated Output- No External Components Required- Efficiency to 63% 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V/ low power/ high speed 33 MHz 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
|
NXP Semiconductors N.V. Philips Semiconductors
|
ST7FLITE-SK/RAIS ST7PLITE02F0U6TR ST7PLITES5Y0M6 S |
8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 8-BIT, MROM, 16 MHz, MICROCONTROLLER, QCC20 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDSO16 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDIP16
|
STMicroelectronics
|
IDT72V8988 IDT72V8988DB IDT72V8988J IDT72V8988J8 7 |
From old datasheet system 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 128 x 128 TSI, 4 I/O at 2Mbps, Variable/Constant Delay, 3.3V
|
Integrated Device Technology IDT
|
|